Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-FSMF025X Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-FSMF025X
Description  MF-FSMF Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSMF025X Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-FSMF025X Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSMF025X Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSMF025X Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSMF025X Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSMF025X Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSMF025X Datasheet HTML 6Page - Bourns Electronic Solutions MF-FSMF025X Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MF-FSMF Series - PTC Resettable Fuses
“freeXpansion Design” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
How To Order
MF - FSMF 020 X - 2
Multifuse® Product
Designator
Series
FSMF = 0603 Surface Mount
Component
Hold Current, Ihold
010-050 (0.10 - 0.50 Amps)
Multifuse® freeXpansion™ Design
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
PART IDENTIFICATION:
MF-FSMF010X = II
MF-FSMF020X = I
MF-FSMF025X = +
MF-FSMF035X = •
MF-FSMF050X = —
BI-WEEKLY DATE CODE WILL APPEAR ON THE PACKAGING LABEL:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
Packaging Quantity
Model
Packaging Quantity
MF-FSMF010X
5,000 pcs. per reel
MF-FSMF020X
6,000 pcs. per reel
MF-FSMF025X
6,000 pcs. per reel
MF-FSMF035X
6,000 pcs. per reel
MF-FSMF050X
4,000 pcs. per reel
Solder Reflow Recommendations
Notes:
•
MF-FSMF models are intended for reflow soldering (including, but not
limited to heating plate, hot air, IR, nitrogen, and vapor phase).
•
Wave soldering is permissible only if the device is on the top of the
PCB, opposite the heat source.
•
Hand soldering is not recommended for these devices.
•
All temperatures refer to the topside of the device, measured on the
device body surface.
•
If reflow temperatures exceed the recommended profile, devices may
not meet the published specifications.
•
Compatible with Pb and Pb-free solder reflow profiles.
•
Excess solder may cause a short circuit.
•
Please refer to the Multifuse® Polymer PTC Resettable Fuse Soldering
Recommendations document for more details.
TP
TP
tp
t s
TTO
RAMP-UP
L
TL
t L
25
Ts max
Ts min
PREHEAT
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temperature (tp)
20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com