Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ864L.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PJ864L..
Description  Type 4X Polyester Junction Box Continuous Hinge Door with Twist/Snap Latches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PJ864L.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PJ864L.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. PJ864L.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/6/2021
Type 4X Polyester Junction Box (PJ Series) - Hammond Mfg.
https://www.hammfg.com/electrical/products/non-metallic/pjl
1/2
Additional Inner Panels
Terminal Kit Assemblies
Pole Mounting Kit
PJ/PJU/PCJ Replacement Hardware Kits
Window Kits
PJ Stainless Replacement Mounting Feet
Type 4X Polyester Junction Box PJ Series
Continuous Hinge Door with Twist/Snap Latches
Application
Designed for use as instrument enclosures, electric, hydraulic or pneumatic control
housings, electrical junction boxes or terminal wiring enclosures.
Provides outstanding insulation and protection where equipment may be hosed down or
be very wet.
Ideal in applications with high temperatures or highly corrosive environments.
Standards
UL 508A Type 1, 2, 3, 4, 4X, 12, & 13
CSA Type 1, 2, 3, 4, 4X, 12, & 13
Complies with
NEMA Type 1, 2, 3, 4, 4X,12, & 13
IEC 60529, IP66
Construction
Molded fiberglass polyester enclosure with matching cover is easily punched, cut, or
drilled.
Enhanced UV inhibitors protect against outdoor weathering.
10-32 threaded brass inserts are provided for optional inner panel or terminal kit
mounting. Mounting hardware is included.
Stainless steel butterfly type "twist latch" door fasteners.
Stainless steel draw type "snap latch" door fasteners.
Door fasteners include a provision for padlocking.
Twist latch enclosures are available with bonded polycarbonate viewing windows.
Door is supported with a continuous stainless steel hinge.
Captive oil resistant gasket provides a positive seal.
Threaded brass inserts are provided for mounting feet to the rear of the enclosure.
Stainless steel mounting brackets and hardware are provided for mounting to the rear of
the enclosure.
Operating temperatures between 130°C and -40°C (266°F to -40°F).
Impact index of 6.78J (5 ft/lb).
For corrosion resistance information, please refer to table in the Technical Information
section.
Finish
Fiberglass polyester material has a gray finish.
Optional inner panels are available in white powder coated finished steel, unfinished
aluminum, or Fiberglass.
Accessories
Quality Products. Service Excellence.


Similar Part No. - PJ864L..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ864L HAMMOND-PJ864L Datasheet
216Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ864L HAMMOND-PJ864L Datasheet
187Kb / 3P
Bo챤te de jonction en polyester de type 4X
PJ864L HAMMOND-PJ864L Datasheet
93Kb / 3P
Type 4X Polyester Junction Box
PJ864LW HAMMOND-PJ864LW Datasheet
219Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ864LW HAMMOND-PJ864LW Datasheet
143Kb / 3P
Boite de jonction en polyester de type 4X avec regard
More results

Similar Description - PJ864L..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PHW HAMMOND-PHW Datasheet
126Kb / 2P
Armoire murale en polyester de type 4X
PJWL HAMMOND-PJWL Datasheet
124Kb / 3P
Armoire murale en polyester de type 4X
logo
List of Unclassifed Man...
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
Continuous Hinge with Clamps, Type 4X
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
Continuous Hinge with Clamps, Type 4
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
BOX POLYESTER
logo
Hammond Manufacturing L...
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
EN4SDSS HAMMOND-EN4SDSS_V01 Datasheet
465Kb / 3P
Hinge Door with Quarter Turn/Handle
EN4SDWSS HAMMOND-EN4SDWSS_V01 Datasheet
201Kb / 2P
Hinge Door with Quarter Turn
EN4SD HAMMOND-EN4SD_V01 Datasheet
768Kb / 4P
Hinge Door with Quarter Turn/Handle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com