Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41TC8025 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41TC8025_V01 Datasheet HTML 33Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 34Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 35Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 36Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 37Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 38Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 39Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 40Page - STMicroelectronics M41TC8025_V01 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DocID022873 Rev 4
39/41
M41TC8025
Part numbering
6
Part numbering
Table 30. Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M41TC
8025
A
MC
6
F
Device family
M41TC
Device type
8025
Accuracy
A = ±5.0 ppm (-40 to 85 °C), ±3.8 ppm (0 to 50 °C)
C = ±5.0 ppm (-45 to 70 °C), ±3.8 ppm (0 to 50 °C)(1)
1. Contact local ST sales office for availability.
Package
MC = SO14
Temperature range
6 = –40 °C to 85 °C
7 = –45 °C to 70 °C(1)
Shipping method
F = ECOPACK® package, tape & reel
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com