Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T02-150PC1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T02-150PC1
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-150PC1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T02-150PC1 Datasheet HTML 5Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 6Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 7Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 8Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 9Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 10Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 11Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 12Page - STMicroelectronics M48T02-150PC1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
M48T02, M48T12
Operation modes
Doc ID 2410 Rev 9
9/25
2.2
WRITE mode
The M48T02/12 is in the WRITE mode whenever W and E are active. The start of a WRITE
is referenced from the latter occurring falling edge of W or E. A WRITE is terminated by the
earlier rising edge of W or E. The addresses must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from chip enable or tWHAX from WRITE enable prior
to the initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to the
end of WRITE and remain valid for tWHDX afterward. G should be kept high during WRITE
cycles to avoid bus contention; although, if the output bus has been activated by a low on E
and G, a low on W will disable the outputs tWLQZ after W falls.
Figure 5.
WRITE enable controlled, WRITE AC waveform
Figure 6.
Chip enable controlled, WRITE AC waveforms
AI01331
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A10
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI01332B
tAVAV
tEHAX
tDVEH
A0-A10
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com