Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83RM6F Datasheet(PDF) 60 Page - STMicroelectronics

Part # M41T83RM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RM6F Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M41T83RM6F Datasheet HTML 56Page - STMicroelectronics M41T83RM6F Datasheet HTML 57Page - STMicroelectronics M41T83RM6F Datasheet HTML 58Page - STMicroelectronics M41T83RM6F Datasheet HTML 59Page - STMicroelectronics M41T83RM6F Datasheet HTML 60Page - STMicroelectronics M41T83RM6F Datasheet HTML 61Page - STMicroelectronics M41T83RM6F Datasheet HTML 62Page - STMicroelectronics M41T83RM6F Datasheet HTML 63Page - STMicroelectronics M41T83RM6F Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Package mechanical data
M41T82, M41T83
60/64
DocID012578 Rev 19
6.3
SO8 package information
Figure 34. SO8 – 8-lead plastic small package outline
Note:
Drawing is not to scale.
0016023_9
Table 28. SO8 – 8-lead plastic small outline (150 mils body width)
package mechanical data
Symbol
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b
0.31
0.51
0.012
0.020
c
0.17
0.25
0.007
0.010
ccc
0.10
0.004
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
-
1.27
-
-
0.050
-
h
0.25
0.50
0.010
0.020
k
0°
8°
0°
8°
L
0.40
1.27
0.016
0.050
L1
1.04
0.041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com