Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC08TTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC08TTR
Description  Quad dual-input and gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC08TTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC08TTR Datasheet HTML 3Page - STMicroelectronics M74HC08TTR Datasheet HTML 4Page - STMicroelectronics M74HC08TTR Datasheet HTML 5Page - STMicroelectronics M74HC08TTR Datasheet HTML 6Page - STMicroelectronics M74HC08TTR Datasheet HTML 7Page - STMicroelectronics M74HC08TTR Datasheet HTML 8Page - STMicroelectronics M74HC08TTR Datasheet HTML 9Page - STMicroelectronics M74HC08TTR Datasheet HTML 10Page - STMicroelectronics M74HC08TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
M74HC08
Electrical characteristics
3
Electrical characteristics
Stressing the device above the ratings listed in the "Absolute maximum ratings" table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 4: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7
V
VI
DC input voltage
-0.5 to VCC to +0.5
V
VO
DC output voltage
-0.5 to VCC to +0.5
V
IIK
DC input diode current
±20
mA
IOK
DC output diode current
±20
mA
IO
DC output current
±25
mA
ICC or IGND
DC VCC or ground current
±50
mA
PD
Power dissipation
500
(1)
mW
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec.)
300
°C
Notes:
(1)500 mW at 65 °C; derate to 300 mW by 10 mW/°C from 65 °C to 85 °C
Table 5: Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
tr, tf
Input rise and fall time
VCC = 2.0 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
ns
VCC = 6.0 V
0 to 400
ns
DocID001885 Rev 2
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com