Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2H100-Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS2H100-Y
Description  Automotive 100 V - 2 A power Schottky diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100-Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS2H100-Y Datasheet HTML 5Page - STMicroelectronics STPS2H100-Y Datasheet HTML 6Page - STMicroelectronics STPS2H100-Y Datasheet HTML 7Page - STMicroelectronics STPS2H100-Y Datasheet HTML 8Page - STMicroelectronics STPS2H100-Y Datasheet HTML 9Page - STMicroelectronics STPS2H100-Y Datasheet HTML 10Page - STMicroelectronics STPS2H100-Y Datasheet HTML 11Page - STMicroelectronics STPS2H100-Y Datasheet HTML 12Page - STMicroelectronics STPS2H100-Y Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Table 6. SOD128Flat package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.93
1.03
0.037
0.041
b
1.69
1.81
0.067
0.071
c
0.10
0.22
0.004
0.009
D
2.30
2.50
0.091
0.098
E
4.60
4.80
0.181
0.189
E1
3.70
3.90
0.146
0.154
L
0.55
0.85
0.026
0.033
L1
0.30 typ.
0.012 typ.
L2
0.45 typ.
0.018 typ.
Figure 17. SOD128Flat footprint in mm (inches)
Note:
For package and tape orientation, reel and inner box dimensions and tape outline please check TN1173
STPS2H100-Y
SOD128Flat package information
DS6949 - Rev 2
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com