Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2998 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2998
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2998 Datasheet HTML 10Page - Texas Instruments LP2998 Datasheet HTML 11Page - Texas Instruments LP2998 Datasheet HTML 12Page - Texas Instruments LP2998 Datasheet HTML 13Page - Texas Instruments LP2998 Datasheet HTML 14Page - Texas Instruments LP2998 Datasheet HTML 15Page - Texas Instruments LP2998 Datasheet HTML 16Page - Texas Instruments LP2998 Datasheet HTML 17Page - Texas Instruments LP2998 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
0
100
200
300
400
500
600
AIRFLOW (Linear Feet Per Minute)
45
46
47
48
49
50
51
0
200
400
600
800
1000
AIRFLOW (Linear Feet per Minute)
SOP Board
JEDEC Board
150
160
140
170
180
100
110
120
130
80
90
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
www.ti.com
Application Information (continued)
Figure 17. RθJA vs Airflow (SOIC-8)
Additional improvements can be made by the judicious use of vias to connect the part and dissipate heat to an
internal ground plane. Using larger traces and more copper on the top side of the board can also help. With
careful layout it is possible to reduce the RθJA further than the nominal values shown in Figure 17.
Layout is also extremely critical to maximize the output current with the SO PowerPAD package. By simply
placing vias under the DAP the
θJA can be lowered significantly.
Additional improvements in lowering the RθJA can also be achieved with a constant airflow across the package.
Maintaining the same conditions as above and utilizing the 2x2 via array, Figure 18 shows how the RθJA varies
with airflow.
Figure 18. RΘJA vs Airflow Speed (Jedec Board with 4 Vias)
Optimizing the R θJA and placing the LP2998 in a section of a board exposed to lower ambient temperature
allows the part to operate with higher power dissipation. The internal power dissipation can be calculated by
summing the three main sources of loss: output current at VTT, either sinking or sourcing, and quiescent current
at AVIN and VDDQ. During the active state (when shutdown is not held low) the total internal power dissipation
can be calculated from the following equations:
PD = PAVIN + PVDDQ + PVTT
(3)
PAVIN = IAVIN * VAVIN
(4)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(5)
To calculate the maximum power dissipation at VTT both conditions at VTT need to be examined, sinking, and
sourcing current. Although only one equation will add into the total, VTT cannot source and sink current
simultaneously.
14
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com