Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2998MAX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2998MAX/NOPB
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MAX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2998MAX/NOPB Datasheet HTML 6Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 7Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 8Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 9Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 10Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 11Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 12Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 13Page - Texas Instruments LP2998MAX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
3
3.5
4
4.5
5
5.5
2
2.2
2.4
2.6
2.8
3
AVIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified AVIN = PVIN = 2.5 V.
VDDQ = 1.8 V
PVIN = 1.8 V
VDDQ = 1.8 V
Figure 13. Maximum Sourcing Current vs AVIN
Figure 14. Maximum Sinking Current vs AVIN
VDDQ = 1.8 V
PVIN = 3.3 V
Figure 15. Maximum Sourcing Current vs AVIN
10
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com