Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR2000 Datasheet(PDF) 22 Page - Texas Instruments

Part # MSP430FR2000
Description  MSP430FR21xx, MSP430FR2000 Mixed-Signal Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FR2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430FR2000 Datasheet HTML 18Page - Texas Instruments MSP430FR2000 Datasheet HTML 19Page - Texas Instruments MSP430FR2000 Datasheet HTML 20Page - Texas Instruments MSP430FR2000 Datasheet HTML 21Page - Texas Instruments MSP430FR2000 Datasheet HTML 22Page - Texas Instruments MSP430FR2000 Datasheet HTML 23Page - Texas Instruments MSP430FR2000 Datasheet HTML 24Page - Texas Instruments MSP430FR2000 Datasheet HTML 25Page - Texas Instruments MSP430FR2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
8.12.3.2 DCO FLL, Frequency
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
fDCO, FLL
FLL lock frequency, 16 MHz, 25°C
Measured at MCLK, internal
trimmed REFO as reference
3.0 V
–1.0%
1.0%
FLL lock frequency, 16 MHz, –40°C to 85°C
3.0 V
–2.0%
2.0%
FLL lock frequency, 16 MHz, –40°C to 85°C
Measured at MCLK, XT1
crystal as reference
3.0 V
–0.5%
0.5%
fDUTY
Duty cycle
Measured at MCLK, XT1
crystal as reference
3.0 V
40%
50%
60%
Jittercc
Cycle-to-cycle jitter, 16 MHz
3.0 V
0.25%
Jitterlong
Long term Jitter, 16 MHz
3.0 V
0.022%
tFLL, lock
FLL lock time
3.0 V
245
ms
8.12.3.3 DCO Frequency
over recommended operating free-air temperature (unless otherwise noted) (see Figure 8-5)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO, 16 MHz (1)
DCO frequency, 16 MHz
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
7.8
MHz
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
12.5
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
18.0
DCORSEL = 101b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
30.0
fDCO, 12 MHz (1)
DCO frequency, 12 MHz
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
6.0
MHz
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
9.5
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
13.5
DCORSEL = 100b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
22.0
fDCO, 8 MHz (1)
DCO frequency, 8 MHz
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
3.8
MHz
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
6.5
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
9.5
DCORSEL = 011b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
16.0
fDCO, 4 MHz (1)
DCO frequency, 4 MHz
DCORSEL = 010b,, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 0
3.0 V
2.0
MHz
DCORSEL = 010b, DISMOD = 1b,
DCOFTRIM = 000b, DCO = 511
3.2
DCORSEL = 010b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 0
4.8
DCORSEL = 010b, DISMOD = 1b,
DCOFTRIM = 111b, DCO = 511
8.0
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78E – AUGUST 2016 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com