Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F4T7TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F031F4T7TR
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F4T7TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F031F4T7TR Datasheet HTML 48Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 49Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 50Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 51Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 52Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 53Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 54Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 55Page - STMicroelectronics STM32F031F4T7TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
Electrical characteristics
STM32F031x4 STM32F031x6
52/106
DocID025743 Rev 6
APB
APB-Bridge (2)
2.6
µA/MHz
SYSCFG
1.7
ADC (3)
4.2
TIM1
17.1
SPI1
9.6
USART1
17.4
TIM16
8.2
TIM17
8.0
DBG (MCU Debug Support)
0.5
TIM2
17.4
TIM3
12.8
TIM14
6.0
WWDG
1.5
I2C1
5.1
PWR
1.2
All APB peripherals
110.9
1.
The BusMatrix automatically is active when at least one master is ON (CPU or DMA1).
2.
The APBx Bridge is automatically active when at least one peripheral is ON on the same Bus.
3.
The power consumption of the analog part (IDDA) of peripherals such as ADC is not included. Refer to the
tables of characteristics in the subsequent sections.
Table 29. Peripheral current consumption (continued)
Peripheral
Typical consumption at 25 °C
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com