Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAXXSC5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDAXXSC5
Description  QUAD TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXSC5 Datasheet(HTML) 7 Page - STMicroelectronics

  ESDAXXSC5 Datasheet HTML 1Page - STMicroelectronics ESDAXXSC5 Datasheet HTML 2Page - STMicroelectronics ESDAXXSC5 Datasheet HTML 3Page - STMicroelectronics ESDAXXSC5 Datasheet HTML 4Page - STMicroelectronics ESDAXXSC5 Datasheet HTML 5Page - STMicroelectronics ESDAXXSC5 Datasheet HTML 6Page - STMicroelectronics ESDAXXSC5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ESDAxxSC5 / ESDAxxSC6
7/7
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45 0.035
0.057
A1
0
0.15
0
0.006
A2
0.90
1.30 0.035
0.0512
b
0.35
0.50 0.0137
0.02
C
0.09
0.20 0.004
0.008
D
2.80
3.00
0.11
0.118
E
1.50
1.75 0.059
0.0689
e
0.95
0.0374
H
2.60
3.00 0.102
0.118
L
0.10
0.60 0.004
0.024
M
10°
10°
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
A2
A
A1
L
c
E
b
H
D
e
e
M
PACKAGE MECHANICAL DATA
SOT23-6L
FOOT PRINT
mm
inch
0.65
0.025
0.95
0.037



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com