Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F4Y7 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F031F4Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F4Y7 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F031F4Y7 Datasheet HTML 98Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 99Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 100Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 101Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 102Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 103Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 104Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 105Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
Ordering information
STM32F031x4 STM32F031x6
102/106
DocID025743 Rev 6
8
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 69. Ordering information scheme
Example:STM32
F
031 G
6
T
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
031 = STM32F031xx
Pin count
F = 20 pins
E = 25 pins
G = 28 pins
K = 32 pins
C = 48 pins
User code memory size
4 = 16 Kbyte
6 = 32 Kbyte
Package
P = TSSOP
U = UFQFPN
T = LQFP
Y = WLCSP
Temperature range
6 = –40 °C to +85 °C
7 = –40 °C to +105 °C
Options
xxx = code ID of programmed parts (includes packing type)
TR = tape and reel packing
blank = tray packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com