Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F4Y7 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32F031F4Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F4Y7 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F031F4Y7 Datasheet HTML 23Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 24Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 25Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 26Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 27Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 28Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 29Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 30Page - STMicroelectronics STM32F031F4Y7 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
DocID025743 Rev 6
27/106
STM32F031x4 STM32F031x6
Pinouts and pin description
32
63
33
B5
3
PF1-OSC_OUT
(PF1)
I/O
FT
-
-
OSC_OUT
7
4
4
4
C5
4
NRST
I/O
RST
-
Device reset input / internal reset output
(active low)
8
16
(3)
0(3)
16
(3)
E1
(3)
15
(3)
VSSA
S
-
Analog ground
9
5
5
5
D5
5
VDDA
S
-
Analog power supply
10
6
6
6
B4
6
PA0
I/O
TTa
-
TIM2_CH1_ETR,
USART1_CTS
ADC_IN0,
RTC_TAMP2,
WKUP1
11
7
7
7
C4
7
PA1
I/O
TTa
-
TIM2_CH2,
EVENTOUT,
USART1_RTS
ADC_IN1
12
8
8
8
D4
8
PA2
I/O
TTa
-
TIM2_CH3,
USART1_TX
ADC_IN2
13
9
9
9
E5
9
PA3
I/O
TTa
-
TIM2_CH4,
USART1_RX
ADC_IN3
14
10
10
10
B3
10
PA4
I/O
TTa
-
SPI1_NSS,
I2S1_WS,
TIM14_CH1,
USART1_CK
ADC_IN4
15
11
11
11
C3
11
PA5
I/O
TTa
-
SPI1_SCK,
I2S1_CK,
TIM2_CH1_ETR
ADC_IN5
16
12
12
12
D3
12
PA6
I/O
TTa
-
SPI1_MISO,
I2S1_MCK,
TIM3_CH1,
TIM1_BKIN,
TIM16_CH1,
EVENTOUT
ADC_IN6
Table 11. Pin definitions (continued)
Pin number
Pin name
(function upon
reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com