Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-LSMF075/60X Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # MF-LSMF075/60X
Description  MF-LSMF Series – PTC Resettable Fuses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LSMF075/60X Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button MF-LSMF075/60X Datasheet HTML 2Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 3Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 4Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 5Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 6Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 7Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 8Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 9Page - Bourns Electronic Solutions MF-LSMF075/60X Datasheet HTML 10Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
MF-LSMF Series - PTC Resettable Fuses
Typical Time to Trip at 23 °C (continued)
100
10
1
0.1
0.01
0.001
10
1
100
Fault Current (Amps)
A
C
D
E
MF-LSMF075X
MF-LSMF110X
MF-LSMF125X
MF-LSMF150X
MF-LSMF185X
MF-LSMF260/6X
MF-LSMF330X
A
B
C
D
E
F
G
B
F
G
100
10
1
0.1
0.01
0.001
10
1
100
Fault Current (Amps)
J
L
M
N
MF-LSMF125/33X
MF-LSMF150/33X
MF-LSMF200X, MF-LSMF200/24X
MF-LSMF260X, MF-LSMF260/16X
MF-LSMF300/16X
MF-LSMF400/16X
MF-LSMF500/16X
MF-LSMF600/12X
J
K
L
M
N
O
P
Q
K
O
P
Q
100
10
1
0.1
0.01
0.001
10
1
100
Fault Current (Amps)
H
R
S
MF-LSMF185/24X, MF-LSMF185/33X
MF-LSMF300/24X
MF-LSMF300X
MF-LSMF330/12X, MF-LSMF330/16X,
MF-LSMF330/24X
H
I
R
S
I
The Time to Trip curves represent
typical performance of a device in a
simulated application environment.
Actual performance in specific customer
applications may differ from these values
due to the influence of other variables.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com