Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T56M6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T56M6F
Description  Serial real-time clock (RTC) with 56 bytes NVRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56M6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41T56M6F Datasheet HTML 1Page - STMicroelectronics M41T56M6F Datasheet HTML 2Page - STMicroelectronics M41T56M6F Datasheet HTML 3Page - STMicroelectronics M41T56M6F Datasheet HTML 4Page - STMicroelectronics M41T56M6F Datasheet HTML 5Page - STMicroelectronics M41T56M6F Datasheet HTML 6Page - STMicroelectronics M41T56M6F Datasheet HTML 7Page - STMicroelectronics M41T56M6F Datasheet HTML 8Page - STMicroelectronics M41T56M6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
December 2011
Doc ID 6104 Rev 9
1/27
1
M41T56
Serial real-time clock (RTC) with 56 bytes NVRAM
Features
■ Counters for seconds, minutes, hours, day,
date, month, years, and century
■ 32 KHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
■ Serial interface supports I2C bus (100 kHz
protocol)
■ Ultra-low battery supply current of 450 nA
(typ at 3 V)
■ 5 V ±10% supply voltage
■ Timekeeping down to 2.5 V
■ Automatic power-fail detect and switch circuitry
■ 56 bytes of general purpose RAM
■ Software clock calibration to compensate
crystal deviation due to temperature
■ Automatic leap year compensation
■ Operating temperature of –40 °C to 85 °C
■ Available in an 8-lead, 150-mil, plastic SOIC
(SO8)
■ RoHS compliant
– Lead-free second level interconnect
8
1
SO8
150-mil width
www.st.com


Similar Part No. - M41T56M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56M6F STMICROELECTRONICS-M41T56M6F Datasheet
254Kb / 28P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
09-Oct-2006
M41T56M6F STMICROELECTRONICS-M41T56M6F Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
More results

Similar Description - M41T56M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
logo
Texas Instruments
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
Real-Time Clock RTC With NVRAM Control
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
Serial real-time clock with 56 bytes of NVRAM
02-May-2008
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
logo
Texas Instruments
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
Real-Time Clock (RTC) With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com