Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T80M6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T80M6F
Description  Serial access real-time clock with alarm
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80M6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41T80M6F Datasheet HTML 1Page - STMicroelectronics M41T80M6F Datasheet HTML 2Page - STMicroelectronics M41T80M6F Datasheet HTML 3Page - STMicroelectronics M41T80M6F Datasheet HTML 4Page - STMicroelectronics M41T80M6F Datasheet HTML 5Page - STMicroelectronics M41T80M6F Datasheet HTML 6Page - STMicroelectronics M41T80M6F Datasheet HTML 7Page - STMicroelectronics M41T80M6F Datasheet HTML 8Page - STMicroelectronics M41T80M6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
August 2011
Doc ID 9074 Rev 5
1/27
1
M41T80
Serial access real-time clock with alarm
Features
■ Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
■ 32 KHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
■ Serial interface supports I2C bus (400 kHz)
■ 2.0 to 5.5 V clock operating voltage
■ 32 KHz square wave on power-up to drive a
microcontroller in low-power mode
■ Programmable (1 Hz to 32 KHz) square wave
■ Programmable alarm and interrupt function
■ Low operating current of 200 µA
■ Operating temperature of –40 to 85 °C
■ ECOPACK® package available
8
1
SO8
8-pin SOIC
www.st.com


Similar Part No. - M41T80M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80M6F STMICROELECTRONICS-M41T80M6F Datasheet
208Kb / 25P
Serial access Real Time Clock with alarm
29-Aug-2006
More results

Similar Description - M41T80M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
Serial Access Real-Time Clock
13-Nov-2003
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
Serial access Real Time Clock with alarm
29-Aug-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
Serial access real-time clock with alarm
28-May-2008
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_10 Datasheet
460Kb / 29P
Serial access real-time clock with alarm
11-Jun-2010
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com