Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T81
Description  Serial access real-time clock with alarm
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T81 Datasheet HTML 7Page - STMicroelectronics M41T81 Datasheet HTML 8Page - STMicroelectronics M41T81 Datasheet HTML 9Page - STMicroelectronics M41T81 Datasheet HTML 10Page - STMicroelectronics M41T81 Datasheet HTML 11Page - STMicroelectronics M41T81 Datasheet HTML 12Page - STMicroelectronics M41T81 Datasheet HTML 13Page - STMicroelectronics M41T81 Datasheet HTML 14Page - STMicroelectronics M41T81 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID007529 Rev 11
11/29
M41T81
Operation
29
2.3
WRITE mode
In this mode the master transmitter transmits to the M41T81 slave receiver. Bus protocol is
shown in Figure 9 on page 11. Following the START condition and slave address, a logic '0'
(R/W=0) is placed on the bus and indicates to the addressed device that word address “An”
will follow and is to be written to the on-chip address pointer. The data word to be written to
the memory is strobed in next and the internal address pointer is incremented to the next
address location on the reception of an acknowledge clock. The M41T81 slave receiver will
send an acknowledge clock to the master transmitter after it has received the slave address
see Figure 6 on page 10 and again after it has received the word address and each data
byte.
2.4
Data retention mode
With valid VCC applied, the M41T81 can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the power input will be switched from the
VCC pin to the battery when VCC falls below the battery backup switchover voltage (VSO). At
this time the clock registers will be maintained by the attached battery supply. On power-up,
when VCC returns to a nominal value, write protection continues for trec (see Figure 15 on
page 22, Table 11 on page 23).
For a further, more detailed review of lifetime calculations, please see application note
AN1012.
Figure 9. WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com