Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81SM6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T81SM6F
Description  Serial access real-time clock (RTC) with alarms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T81SM6F Datasheet HTML 9Page - STMicroelectronics M41T81SM6F Datasheet HTML 10Page - STMicroelectronics M41T81SM6F Datasheet HTML 11Page - STMicroelectronics M41T81SM6F Datasheet HTML 12Page - STMicroelectronics M41T81SM6F Datasheet HTML 13Page - STMicroelectronics M41T81SM6F Datasheet HTML 14Page - STMicroelectronics M41T81SM6F Datasheet HTML 15Page - STMicroelectronics M41T81SM6F Datasheet HTML 16Page - STMicroelectronics M41T81SM6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
M41T81S
Operation
Doc ID 10773 Rev 7
13/32
WRITE mode
In this mode the master transmitter transmits to the M41T81S slave receiver. Bus protocol is
shown in Figure 10 on page 13. Following the START condition and slave address, a logic '0'
(R/W=0) is placed on the bus and indicates to the addressed device that word address “An”
will follow and is to be written to the on-chip address pointer. The data word to be written to
the memory is strobed in next and the internal address pointer is incremented to the next
address location on the reception of an acknowledge clock. The M41T81S slave receiver
will send an acknowledge clock to the master transmitter after it has received the slave
address see Figure 7 on page 12 and again after it has received the word address and each
data byte.
Data retention mode
With valid VCC applied, the M41T81S can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the power input will be switched from the
VCC pin to the battery when VCC falls below the battery backup switchover voltage (VSO). At
this time the clock registers will be maintained by the attached battery supply. On power-up,
when VCC returns to a nominal value, write protection continues for tREC.
For a further, more detailed review of lifetime calculations, please see application note
AN1012.
Figure 10.
WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com