Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CPWR.A Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX3318CPWR.A
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3318CPWR.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3318CPWR.A Datasheet HTML 4Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 5Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 6Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 7Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 9Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 10Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 11Page - Texas Instruments MAX3318CPWR.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
tWU
VCC
0
0
V+
V−
VCC
0
Driver
Inputs
Receiver
Inputs
}
INVALID
Output
Driver
Outputs
VCC
Invalid
Region
Ready
Output
tINVH
tWU
tINVL
VOLTAGE WAVEFORMS
TEST CIRCUIT
50
Ω
Generator
(see Note B)
ROUT
Auto-Power-
Down Plus
INVALID
DOUT
DIN
CL = 30 pF
(see Note A)
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
For More Than 30
µs, INVALID Is Low†
Valid RS-232 Level, INVALID High
† Auto power down disables drivers and reduces supply
current to 1
µA.
FORCEON
FORCEOFF
MAX3318
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 4. INVALID Propagation Delay Times and Supply Enabling Time
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: MAX3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com