Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F413IPM Datasheet(PDF) 12 Page - Texas Instruments

Part # MSP430F413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F413IPM Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F413IPM Datasheet HTML 8Page - Texas Instruments MSP430F413IPM Datasheet HTML 9Page - Texas Instruments MSP430F413IPM Datasheet HTML 10Page - Texas Instruments MSP430F413IPM Datasheet HTML 11Page - Texas Instruments MSP430F413IPM Datasheet HTML 12Page - Texas Instruments MSP430F413IPM Datasheet HTML 13Page - Texas Instruments MSP430F413IPM Datasheet HTML 14Page - Texas Instruments MSP430F413IPM Datasheet HTML 15Page - Texas Instruments MSP430F413IPM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
special function registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
that are not allocated to a functional purpose are not physically present in the device. Simple software access
is provided with this arrangement.
interrupt enable 1 and 2
7
654
0
OFIE
WDTIE
32
1
rw-0
rw-0
rw-0
Address
0h
ACCVIE
NMIIE
rw-0
7
654
0
32
1
Address
1h
BTIE
rw-0
WDTIE:
Watchdog timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog timer is
configured in interval timer mode.
OFIE:
Oscillator fault interrupt enable
NMIIE:
Nonmaskable interrupt enable
ACCVIE:
Flash access violation interrupt enable
BTIE:
Basic Timer1 interrupt enable
interrupt flag register 1 and 2
7
654
0
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-(0)
Address
02h
NMIIFG
7
654
0
32
1
Address
3h
BTIFG
rw-0
WDTIFG:
Set on watchdog-timer overflow (in watchdog mode) or security key violation. Reset with VCC power-up,
or a reset condition at the RST/NMI pin in reset mode.
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI pin
BTIFG:
Basic Timer1 interrupt flag
module enable registers 1 and 2
7
654
0
32
1
Address
04h/05h
Legend: rw−0,1:
Bit Can Be Read and Written. It Is Reset or Set by PUC.
rw−(0,1):
Bit Can Be Read and Written. It Is Reset or Set by POR.
SFR Bit Not Present in Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com