Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F417IPM Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430F417IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F417IPM Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F417IPM Datasheet HTML 1Page - Texas Instruments MSP430F417IPM Datasheet HTML 2Page - Texas Instruments MSP430F417IPM Datasheet HTML 3Page - Texas Instruments MSP430F417IPM Datasheet HTML 4Page - Texas Instruments MSP430F417IPM Datasheet HTML 5Page - Texas Instruments MSP430F417IPM Datasheet HTML 6Page - Texas Instruments MSP430F417IPM Datasheet HTML 7Page - Texas Instruments MSP430F417IPM Datasheet HTML 8Page - Texas Instruments MSP430F417IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions − MSP430x412, MSP430x413
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVCC
64
Positive terminal that supplies SVS, brownout, oscillator, comparator_A, port 1, and LCD resistive
divider circuitry; must not power up prior to DVCC.
AVSS
62
Negative terminal that supplies SVS, brownout, oscillator, comparator_A. Needs to be externally
connected to DVSS.
DVCC
1
Digital supply voltage, positive terminal. Supplies all parts, except those which are supplied via AVCC.
DVSS
63
Digital supply voltage, negative terminal. Supplies all digital parts, except those which are supplied via
AVCC/AVSS.
NC
7, 10, 11
Not internally connected. Connection to VSS recommended.
P1.0/TA0
53
I/O
General-purpose digital I/O / Timer_A, Capture: CCI0A input, compare: Out0 output/BSL transmit
P1.1/TA0/MCLK
52
I/O
General-purpose digital I/O / Timer_A, Capture: CCI0B input/MCLK output. Note: TA0 is only an input
on this pin/BSL receive.
P1.2/TA1
51
I/O
General-purpose digital I/O / Timer_A, Capture: CCI1A input, compare: Out1 output
P1.3/SVSOUT
50
I/O
General-purpose digital I/O / SVS: output of SVS comparator
P1.4
49
I/O
General-purpose digital I/O
P1.5/TACLK/ ACLK
48
I/O
General-purpose digital I/O / Input of Timer_A clock/output of ACLK
P1.6/CA0
47
I/O
General-purpose digital I/O / Comparator_A input
P1.7/CA1
46
I/O
General-purpose digital I/O / Comparator_A input
P2.0/TA2
45
I/O
General-purpose digital I/O / Timer_A capture: CCI2A input, compare: Out2 output
P2.1
44
I/O
General-purpose digital I/O
P2.2/S23
35
I/O
General-purpose digital I/O / LCD segment output 23 (see Note 1)
P2.3/S22
34
I/O
General-purpose digital I/O / LCD segment output 22 (see Note 1)
P2.4/S21
33
I/O
General-purpose digital I/O / LCD segment output 21 (see Note 1)
P2.5/S20
32
I/O
General-purpose digital I/O / LCD segment output 20 (see Note 1)
P2.6/CAOUT/S19
31
I/O
General-purpose digital I/O / Comparator_A output/LCD segment output 19 (see Note 1)
P2.7/S18
30
I/O
General-purpose digital I/O / LCD segment output 18 (see Note 1)
P3.0/S17
29
I/O
General-purpose digital I/O / LCD segment output 17 (see Note 1)
P3.1/S16
28
I/O
General-purpose digital I/O / LCD segment output 16 (see Note 1)
P3.2/S15
27
I/O
General-purpose digital I/O / LCD segment output 15 (see Note 1)
P3.3/S14
26
I/O
General-purpose digital I/O / LCD segment output 14 (see Note 1)
P3.4/S13
25
I/O
General-purpose digital I/O / LCD segment output 13 (see Note 1)
P3.5/S12
24
I/O
General-purpose digital I/O / LCD segment output 12 (see Note 1)
P3.6/S11
23
I/O
General-purpose digital I/O / LCD segment output 11 (see Note 1)
P3.7/S10
22
I/O
General-purpose digital I/O / LCD segment output 10 (see Note 1)
NOTE 1: LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com