Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 43 Page - Texas Instruments

Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 43 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 39Page - Texas Instruments MSP430F448IPZ Datasheet HTML 40Page - Texas Instruments MSP430F448IPZ Datasheet HTML 41Page - Texas Instruments MSP430F448IPZ Datasheet HTML 42Page - Texas Instruments MSP430F448IPZ Datasheet HTML 43Page - Texas Instruments MSP430F448IPZ Datasheet HTML 44Page - Texas Instruments MSP430F448IPZ Datasheet HTML 45Page - Texas Instruments MSP430F448IPZ Datasheet HTML 46Page - Texas Instruments MSP430F448IPZ Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
Comparator_A (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I
CAON 1 CARSEL 0 CAREF 0
2.2 V
25
40
A
I(CC)
CAON=1, CARSEL=0, CAREF=0
3 V
45
60
µA
I
CAON=1, CARSEL=0, CAREF=1/2/3,
2.2 V
30
50
A
I(Refladder/RefDiode)
CAON=1, CARSEL=0, CAREF=1/2/3,
No load at P1.6/CA0 and P1.7/CA1
3 V
45
71
µA
V(Ref025)
Voltage @ 0.25 V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=1,
No load at P1.6/CA0 and P1.7/CA1
2.2 V / 3 V
0.23
0.24
0.25
V(Ref050)
Voltage @ 0.5 V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=2,
No load at P1.6/CA0 and P1.7/CA1
2.2V / 3 V
0.47
0.48
0.5
V
See Figure 6 and Figure 7
PCA0=1, CARSEL=1, CAREF=3,
No load at P1 6/CA0 and P1 7/CA1;
2.2 V
390
480
540
mV
V(RefVT)
See Figure 6 and Figure 7
No load at P1.6/CA0 and P1.7/CA1;
TA = 85°C
3 V
400
490
550
mV
VIC
Common-mode input
voltage range
CAON=1
2.2 V / 3 V
0
VCC−1
V
Vp−VS
Offset voltage
See Note 2
2.2 V / 3 V
−30
30
mV
Vhys
Input hysteresis
CAON = 1
2.2 V / 3 V
0
0.7
1.4
mV
TA = 25°C,
2.2 V
160
210
300
ns
t
TA = 25 C,
Overdrive 10 mV, without filter: CAF = 0
3 V
80
150
240
ns
t(response LH)
TA = 25°C
2.2 V
1.4
1.9
3.4
s
TA = 25 C
Overdrive 10 mV, with filter: CAF = 1
3 V
0.9
1.5
2.6
µs
TA = 25°C
2.2 V
130
210
300
ns
t
TA = 25 C
Overdrive 10 mV, without filter: CAF = 0
3 V
80
150
240
ns
t(response HL)
TA = 25°C,
2.2 V
1.4
1.9
3.4
s
TA = 25 C,
Overdrive 10 mV, with filter: CAF = 1
3 V
0.9
1.5
2.6
µs
NOTES:
1. The leakage current for the Comparator_A terminals is identical to Ilkg(Px.x) specification.
2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A inputs on successive measurements.
The two successive measurements are then summed together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com