| Electronic Components Datasheet Search |
|
MSP430F449IPZ Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F449IPZ Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 89 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MSP430F437IPZ.B Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F437 MSP430F437IPZR Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F437 MSP430F437IPZR.B Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F437 MSP430F447IPZ Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F447 MSP430F447IPZ.B Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F447 MSP430F447IPZR Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F447 MSP430F447IPZR.B Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F447 MSP430F4481IPZ Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4481 MSP430F4481IPZ.B Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4481 MSP430F4481IPZR Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4481 MSP430F4481IPZR.B Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4481 MSP430F448IPZ Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F448 MSP430F448IPZ.B Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F448 MSP430F448IPZR Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F448 MSP430F448IPZR.B Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F448 MSP430F4491IPZ Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4491 MSP430F4491IPZ.B Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4491 MSP430F4491IPZR Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4491 MSP430F4491IPZR.B Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F4491 MSP430F449IPZ Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F449 MSP430F449IPZ.B Active Production LQFP (PZ) | 100 90 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F449 MSP430F449IPZR Active Production LQFP (PZ) | 100 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F449 REV # Addendum-Page 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |