Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX506IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # MUX506IPWR
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX506IPWR Datasheet(HTML) 3 Page - Texas Instruments

  MUX506IPWR Datasheet HTML 1Page - Texas Instruments MUX506IPWR Datasheet HTML 2Page - Texas Instruments MUX506IPWR Datasheet HTML 3Page - Texas Instruments MUX506IPWR Datasheet HTML 4Page - Texas Instruments MUX506IPWR Datasheet HTML 5Page - Texas Instruments MUX506IPWR Datasheet HTML 6Page - Texas Instruments MUX506IPWR Datasheet HTML 7Page - Texas Instruments MUX506IPWR Datasheet HTML 8Page - Texas Instruments MUX506IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
VDD
28
D
2
NC
27
VSS
3
NC
26
S8
4
S16
25
S7
5
S15
24
S6
6
S14
23
S5
7
S13
22
S4
8
S12
21
S3
9
S11
20
S2
10
S10
19
S1
11
S9
18
EN
12
GND
17
A0
13
NC
16
A1
14
A3
15
A2
Not to scale
3
MUX506, MUX507
www.ti.com
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
MUX506: PW and DW Packages
28-Pin TSSOP and SOIC
Top View
Pin Functions: MUX506
PIN
FUNCTION
DESCRIPTION
NAME
NO.
A0
17
Digital input
Address line 0
A1
16
Digital input
Address line 1
A2
15
Digital input
Address line 2
A3
14
Digital input
Address line 3
D
28
Analog input or output Drain pin. Can be an input or output.
EN
18
Digital input
Active high digital input. When this pin is low, all switches are turned off. When this pin is
high, the A[3:0] logic inputs determine which switch is turned on.
GND
12
Power supply
Ground (0 V) reference
NC
2, 3, 13
No connect
Do not connect
S1
19
Analog input or output Source pin 1. Can be an input or output.
S2
20
Analog input or output Source pin 2. Can be an input or output.
S3
21
Analog input or output Source pin 3. Can be an input or output.
S4
22
Analog input or output Source pin 4. Can be an input or output.
S5
23
Analog input or output Source pin 5. Can be an input or output.
S6
24
Analog input or output Source pin 6. Can be an input or output.
S7
25
Analog input or output Source pin 7. Can be an input or output.
S8
26
Analog input or output Source pin 8. Can be an input or output.
S9
11
Analog input or output Source pin 9. Can be an input or output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com