| Electronic Components Datasheet Search |
|
MUX507IPWR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX507IPWR Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 43 page ![]() 5 MUX506, MUX507 www.ti.com SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated Pin Functions: MUX507 (continued) PIN FUNCTION DESCRIPTION NAME NO. DB 2 Analog input or output Drain pin B. Can be an input or output. EN 18 Digital input Active high digital input. When this pin is low, all switches are turned off. When this pin is high, the A[2:0] logic inputs determine which pair of switches is turned on. GND 12 Power supply Ground (0 V) reference NC 3, 13, 14 No connect Do not connect S1A 19 Analog input or output Source pin 1A. Can be an input or output. S2A 20 Analog input or output Source pin 2A. Can be an input or output. S3A 21 Analog input or output Source pin 3A. Can be an input or output. S4A 22 Analog input or output Source pin 4A. Can be an input or output. S5A 23 Analog input or output Source pin 5A. Can be an input or output. S6A 24 Analog input or output Source pin 6A. Can be an input or output. S7A 25 Analog input or output Source pin 7A. Can be an input or output. S8A 26 Analog input or output Source pin 8A. Can be an input or output. S1B 11 Analog input or output Source pin 1B. Can be an input or output. S2B 10 Analog input or output Source pin 2B. Can be an input or output. S3B 9 Analog input or output Source pin 3B. Can be an input or output. S4B 8 Analog input or output Source pin 4B. Can be an input or output. S5B 7 Analog input or output Source pin 5B. Can be an input or output. S6B 6 Analog input or output Source pin 6B. Can be an input or output. S7B 5 Analog input or output Source pin 7B. Can be an input or output. S8B 4 Analog input or output Source pin 8B. Can be an input or output. VDD 1 Power supply Positive power supply. This pin is the most positive power supply potential. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND. VSS 27 Power supply Negative power supply. This pin is the most negative power supply potential. In single- supply applications, this pin can be connected to ground. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |