Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2145IDRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA2145IDRG4
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2145IDRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2145IDRG4 Datasheet HTML 18Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 19Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 20Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 21Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 22Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 23Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 24Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 25Page - Texas Instruments OPA2145IDRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Table 7-1 lists the EMIRR IN+ values for the OPAx145 at particular frequencies commonly encountered in real-
world applications. Applications listed in Table 7-1 may be centered on or operated near the particular frequency
shown. This information may be of special interest to designers working with these types of applications, or
working in other fields likely to encounter RF interference from broad sources, such as the industrial, scientific,
and medical (ISM) radio band.
Table 7-1. OPAx145 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
54 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
68 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
86 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
107 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
100 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
105 dB
7.3.8 EMIRR +IN Test Configuration
Figure 7-6 shows the circuit configuration for testing the EMIRR IN+. An RF source is connected to the
op amp noninverting input terminal using a transmission line. The op amp is configured in a unity-gain
buffer topology with the output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large
impedance mismatch at the op amp input causes a voltage reflection; however, this effect is characterized and
accounted for when determining the EMIRR IN+. The resulting DC offset voltage is sampled and measured
by the multimeter. The LPF isolates the multimeter from residual RF signals that may interfere with multimeter
accuracy.
+
±
Low-Pass Filter
50
Digital Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
+VS
-VS
Not shown: 0.1 µF and 10 µF
supply decoupling
RF source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Figure 7-6. EMIRR +IN Test Configuration
7.4 Device Functional Modes
The OPAx145 has a single functional mode and is operational when the power-supply voltage is greater than 4.5
V (±2.25 V). The maximum power supply voltage for the OPAx145 is 36 V (±18 V).
OPA145, OPA2145
SBOS427F – JUNE 2017 – REVISED MARCH 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA145 OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com