Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA210 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA210
Description  OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 8Page - Texas Instruments OPA210 Datasheet HTML 9Page - Texas Instruments OPA210 Datasheet HTML 10Page - Texas Instruments OPA210 Datasheet HTML 11Page - Texas Instruments OPA210 Datasheet HTML 12Page - Texas Instruments OPA210 Datasheet HTML 13Page - Texas Instruments OPA210 Datasheet HTML 14Page - Texas Instruments OPA210 Datasheet HTML 15Page - Texas Instruments OPA210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
Figure 6-25. Quiescent Current vs Supply Voltage
Temperature (qC)
-50
-25
0
25
50
75
100
125
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
Figure 6-26. Quiescent Current vs Temperature
Output Current (mA)
0
10
20
30
40
50
60
12
12.5
13
13.5
14
14.5
15
-40qC
25qC
85qC
125qC
A.
Figure 6-27. Output Voltage vs Output Current (Sourcing)
Output Current (mA)
0
10
20
30
40
50
60
-15
-14.5
-14
-13.5
-13
-12.5
-12
-40qC
25qC
85qC
125qC
A.
Figure 6-28. Output Voltage vs Output Current (Sinking)
Temperature (qC)
-50
-25
0
25
50
75
100
125
40
45
50
55
60
65
Sinking
Sourcing
Figure 6-29. Short-Circuit Current vs Temperature
Time (100 Ps/div)
Vin (V)
Vout (V)
Figure 6-30. No Phase Reversal
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com