Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA209AIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA209AIDBVT
Description  OPAx209 2.2-nV/√Hz, Low-Power, 36-V Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA209AIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA209AIDBVT Datasheet HTML 3Page - Texas Instruments OPA209AIDBVT Datasheet HTML 4Page - Texas Instruments OPA209AIDBVT Datasheet HTML 5Page - Texas Instruments OPA209AIDBVT Datasheet HTML 6Page - Texas Instruments OPA209AIDBVT Datasheet HTML 7Page - Texas Instruments OPA209AIDBVT Datasheet HTML 8Page - Texas Instruments OPA209AIDBVT Datasheet HTML 9Page - Texas Instruments OPA209AIDBVT Datasheet HTML 10Page - Texas Instruments OPA209AIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
OPA209, OPA2209, OPA4209
www.ti.com
SBOS426D – NOVEMBER 2008 – REVISED OCTOBER 2016
Product Folder Links: OPA209 OPA2209 OPA4209
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at VS = ±2.25 V to ±18 V, TA = 25°C, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See Absolute Maximum Ratings for additional information.
INPUT IMPEDANCE
Differential
200 || 4
kΩ || pF
Common-mode
109 || 2
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.2 V < VO < (V+) – 0.2 V,
RL = 10 kΩ
TA = 25°C
126
132
dB
TA = –40°C to 125°C
120
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RL = 600 Ω
(1)
TA = 25°C
114
120
TA = –40°C to 125°C
110
FREQUENCY RESPONSE
GBW
Gain bandwidth product
18
MHz
SR
Slew rate
6.4
V/µs
Φm
Phase margin
RL = 10 kΩ, CL = 25 pF
80
°
tS
Settling time
0.1%, G = –1, 10-V step, CL = 100 pF
2.1
µs
0.0015% (16-bit), G = –1, 10-V step, CL = 100 pF
2.6
Overload recovery time
G = –1
< 1
µs
THD+N
Total harmonic distortion +
noise
G = +1, f = 1 kHz, VO = 20 VPP, 600 Ω
0.000025%
OUTPUT
Voltage output swing
RL = 10 kΩ, AOL > 130 dB
(V–) + 0.2
(V+) – 0.2
V
RL = 600 Ω, AOL > 114 dB
(V–) + 0.6
(V+) – 0.6
RL = 10 kΩ, AOL > 120 dB, TA = –40°C to 125°C
(V–) + 0.2
(V+) – 0.2
ISC
Short-circuit current
VS = ±18 V
±65
mA
CLOAD
Capacitive load drive
(stable operation)
See Typical Characteristics
ZO
Open-loop output
impedance
See Typical Characteristics
POWER SUPPLY
IQ
Quiescent current
(per amplifier)
IO = 0 A
TA = 25°C
2.2
2.5
mA
TA = –40°C to 125°C
3.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com