Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA211ID Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA211ID
Description  OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA211ID Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA211ID Datasheet HTML 12Page - Texas Instruments OPA211ID Datasheet HTML 13Page - Texas Instruments OPA211ID Datasheet HTML 14Page - Texas Instruments OPA211ID Datasheet HTML 15Page - Texas Instruments OPA211ID Datasheet HTML 16Page - Texas Instruments OPA211ID Datasheet HTML 17Page - Texas Instruments OPA211ID Datasheet HTML 18Page - Texas Instruments OPA211ID Datasheet HTML 19Page - Texas Instruments OPA211ID Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Time (0.5 µs/div)
G = +1
C = 100 pF
L
R = 600
L
Ω
R = 100
F
Ω
R = 0
F
Ω
Note: See the
Applications Information
section, Input Protection.
Time (0.5 µs/div)
G = -1
C = 100 pF
L
R = 600
L
Ω
0
200
60
50
40
30
20
10
0
Capacitive Load (pF)
1400
800
400
600
1000
1200
G = +1
G = -1
G = 10
Time (0.1 µs/div)
G = +1
R = 600
L
Ω
C = 100 pF
L
+18 V
-18 V
C
L
R
L
OPA211
Time (0.1 µs/div)
G = -1
R = 600
L
Ω
C = 100 pF
L
+18 V
-18 V
R
F
604 Ω
R
I
604 Ω
C
F
5.6 pF
C
L
R
L
OPA211
Time (0.1 µs/div)
G = +1
R = 600
L
Ω
C = 10 pF
L
+18 V
-18 V
C
L
R
L
OPA211
16
OPA211, OPA2211
SBOS377L – OCTOBER 2006 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA211 OPA2211
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, and RL = 10 kΩ, unless otherwise noted.
(100 mV)
Figure 25. Small-Signal Step Response
(100 mV)
Figure 26. Small-Signal Step Response
(100 mV)
Figure 27. Small-Signal Step Response
(100-mV output step)
Figure 28. Small-Signal Overshoot vs Capacitive Load
Figure 29. Large-Signal Step Response
Figure 30. Large-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com