Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA317IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA317IDBVT
Description  OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA317IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA317IDBVT Datasheet HTML 3Page - Texas Instruments OPA317IDBVT Datasheet HTML 4Page - Texas Instruments OPA317IDBVT Datasheet HTML 5Page - Texas Instruments OPA317IDBVT Datasheet HTML 6Page - Texas Instruments OPA317IDBVT Datasheet HTML 7Page - Texas Instruments OPA317IDBVT Datasheet HTML 8Page - Texas Instruments OPA317IDBVT Datasheet HTML 9Page - Texas Instruments OPA317IDBVT Datasheet HTML 10Page - Texas Instruments OPA317IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
OPA317, OPA2317, OPA4317
www.ti.com
SBOS682B – MAY 2013 – REVISED JUNE 2016
Product Folder Links: OPA317 OPA2317 OPA4317
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1 μV.
6.7 Electrical Characteristics: VS = 1.8 V to 5.5 V
At TA = 25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
20
±90
μV
TA = –40°C to +125°C, VS = 5 V
±100
dVOS/dT
Input offset voltage
vs temperature
TA = –40°C to +125°C
0.05
μV/°C
PSRR
Input offset voltage
vs power supply
TA = –40°C to +125°C, VS = 1.8 V to 5.5 V
1
10
μV/V
Long-term stability(1)
See (1)
Channel separation, DC
5
μV/V
INPUT BIAS CURRENT
IB
Input bias current
±275
pA
OPA4317
±155
TA = –40°C to +125°C
±300
IOS
Input offset current
±400
pA
OPA4317
±140
NOISE
en
Input voltage noise density
f = 1 kHz
55
nV/
√Hz
Input voltage noise
f = 0.01 Hz to 1 Hz
0.3
μVPP
f = 0.1 Hz to 10 Hz
1.1
in
Input current noise
f = 10 Hz
100
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
TA = –40°C to +125°C
(V–) – 0.1 V < VCM < (V+) + 0.1 V
95
108
dB
OPA4317
TA = –40°C to +125°C
(V–) – 0.1 V < VCM < (V+) + 0.1 V, VS = 5.5 V
95
108
INPUT CAPACITANCE
Differential
2
pF
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
TA = –40°C to +125°C, RL = 10 kΩ
(V–) + 100 mV < VO < (V+) – 100 mV
100
110
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF
300
kHz
SR
Slew rate
G = 1
0.15
V/μs
OUTPUT
Voltage output swing from rail
TA = –40°C to +125°C
30
100
mV
ISC
Short-circuit current
±5
mA
CL
Capacitive load drive
See the Typical Characteristics section
Open-loop output impedance
f = 350 kHz, IO = 0
2
k
Ω
POWER SUPPLY
VS
Specified voltage
1.8
5.5
V
IQ
Quiescent current per amplifier
TA = –40°C to +125°C, IO = 0
21
35
μA
Turnon time
VS = 5 V
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com