Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1155 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1155 Datasheet HTML 1Page - Seiko Instruments Inc S-1155 Datasheet HTML 2Page - Seiko Instruments Inc S-1155 Datasheet HTML 3Page - Seiko Instruments Inc S-1155 Datasheet HTML 4Page - Seiko Instruments Inc S-1155 Datasheet HTML 5Page - Seiko Instruments Inc S-1155 Datasheet HTML 6Page - Seiko Instruments Inc S-1155 Datasheet HTML 7Page - Seiko Instruments Inc S-1155 Datasheet HTML 8Page - Seiko Instruments Inc S-1155 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1155 Series
Rev.1.1_00
Seiko Instruments Inc.
4
2. Product Name List
Table 1
Output Voltage
SOT-89-5
1.0 V
±15 mV
S-1155B10-U5T1G
1.1 V
±15 mV
S-1155B11-U5T1G
1.2 V
±15 mV
S-1155B12-U5T1G
1.3 V
±15 mV
S-1155B13-U5T1G
1.4 V
±15 mV
S-1155B14-U5T1G
1.5 V
±1.0%
S-1155B15-U5T1G
1.6 V
±1.0%
S-1155B16-U5T1G
1.7 V
±1.0%
S-1155B17-U5T1G
1.8 V
±1.0%
S-1155B18-U5T1G
1.85 V
±1.0%
S-1155B1J-U5T1G
1.9 V
±1.0%
S-1155B19-U5T1G
2.0 V
±1.0%
S-1155B20-U5T1G
2.1 V
±1.0%
S-1155B21-U5T1G
2.2 V
±1.0%
S-1155B22-U5T1G
2.3 V
±1.0%
S-1155B23-U5T1G
2.4 V
±1.0%
S-1155B24-U5T1G
2.5 V
±1.0%
S-1155B25-U5T1G
2.6 V
±1.0%
S-1155B26-U5T1G
2.7 V
±1.0%
S-1155B27-U5T1G
2.8 V
±1.0%
S-1155B28-U5T1G
2.85 V
±1.0%
S-1155B2J-U5T1G
2.9 V
±1.0%
S-1155B29-U5T1G
3.0 V
±1.0%
S-1155B30-U5T1G
3.1 V
±1.0%
S-1155B31-U5T1G
3.2 V
±1.0%
S-1155B32-U5T1G
3.3 V
±1.0%
S-1155B33-U5T1G
3.4 V
±1.0%
S-1155B34-U5T1G
3.5 V
±1.0%
S-1155B35-U5T1G
3.6 V
±1.0%
S-1155B36-U5T1G
3.7 V
±1.0%
S-1155B37-U5T1G
3.8 V
±1.0%
S-1155B38-U5T1G
3.9 V
±1.0%
S-1155B39-U5T1G
4.0 V
±1.0%
S-1155B40-U5T1G
4.1 V
±1.0%
S-1155B41-U5T1G
4.2 V
±1.0%
S-1155B42-U5T1G
4.3 V
±1.0%
S-1155B43-U5T1G
4.4 V
±1.0%
S-1155B44-U5T1G
4.5 V
±1.0%
S-1155B45-U5T1G
4.6 V
±1.0%
S-1155B46-U5T1G
4.7 V
±1.0%
S-1155B47-U5T1G
4.8 V
±1.0%
S-1155B48-U5T1G
4.9 V
±1.0%
S-1155B49-U5T1G
5.0 V
±1.0%
S-1155B50-U5T1G
Remark Please contact our sales office for products with an
output voltage other than those specified above or type
A products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com