Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3MS1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 3MS1
Description  Rocker and Paddle Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3MS1 Datasheet(HTML) 1 Page - Multicomp Pro

  3MS1 Datasheet HTML 1Page - Multicomp Pro 3MS1 Datasheet HTML 2Page - Multicomp Pro 3MS1 Datasheet HTML 3Page - Multicomp Pro 3MS1 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
04/05/20
Rocker and Paddle Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
R1
R2
Specifications
Contact Rating
: 5A with resistant load at 120V AC or 28V DC
2A with resistant load at 250 V AC
Mechanical Life
: 50,000 make-and-break cycles
Max. Contact Resistance
: 10mΩ initial at 2 to 4V DC 100mA for silver plated contacts
Min. Insulation Resistance
: 1,000 MΩ
Dielectric Strength
: 1,000 Vrms at sea level
Operating Temperature
: -30°C to 85°C
Materials
Case
: Diallyl phthalate (DAP)
Actuator
: Nylon, black standard
Bushing
: Brass, nickel plated
Housing
: Stainless steel
Switch Support
: Brass, tin-plated
Terminal / Contact
: Brass with silver plated
Switch Function
Number of
Poles
Model
Number
Switch Function
Connected Terminals/Schematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
SP
3MS1
On
None
On
N/A
3MS2
MOM
3MS3
Off
On
Open
3MS4
MOM
MOM
3MS5
On
DP
3MD1
On
None
On
N/A
3MD2
MOM
3MD3
Off
On
Open
3MD4
MOM
MOM
3MD5
On
MOM = Momentary


Similar Part No. - 3MS1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - 3MS1

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
Sealed Miniature Rocker & Paddle Switches
logo
E-SWITCH
300 E-SWITCH-300 Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
300A E-SWITCH-300A Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
Miniature Rocker and Paddle Switches
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
Sealed Miniature Rocker and Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
Rocker/Paddle Switches, A Series, Part Number Matrix
logo
TT Electronics.
DS1402 TTELEC-DS1402 Datasheet
452Kb / 1P
Paddle Flow Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
Single/Double Pole Lighted Rocker & Paddle Switches
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
Single Pole Rocker & Paddle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com