Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1701 Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 37Page - Seiko Instruments Inc S-1701 Datasheet HTML 38Page - Seiko Instruments Inc S-1701 Datasheet HTML 39Page - Seiko Instruments Inc S-1701 Datasheet HTML 40Page - Seiko Instruments Inc S-1701 Datasheet HTML 41Page - Seiko Instruments Inc S-1701 Datasheet HTML 42Page - Seiko Instruments Inc S-1701 Datasheet HTML 43Page - Seiko Instruments Inc S-1701 Datasheet HTML 44Page - Seiko Instruments Inc S-1701 Datasheet HTML 45Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
41
3. Shutdown pin (ON/OFF pin) (S-1701 Series A/ B/ C/ D/ E/ F/ G/ H/ J/ K/ L/ M types)
This pin starts and stops the regulator.
When the ON/OFF pin is set to the shutdown level, the operation of all internal circuits stop, and the built-
in P-channel MOS FET output transistor between the VIN pin and VOUT pin is turned off to substantially
reduce the current consumption. At this time, the current consumption equals that consumed by the
detector block, because the internal circuits of the detector are operating. The VOUT pin becomes the
VSS level due to the internally divided resistance of several hundred k
Ω between the VOUT pin and VSS
pin.
The structure of the ON/OFF pin is as shown in Figure 35. Since the ON/OFF pin is neither pulled down
nor pulled up internally, do not use it in the floating state. In addition, note that the current consumption
increases if a voltage of 0.3 V to VIN
− 0.3 V is applied to the ON/OFF pin. When the ON/OFF pin is not
used, connect it as follows according to the product type.
• S-1701 Series A/ B/ C/ D/ E/ F types: Connect to the VIN pin.
• S-1701 Series G/ H/ J/ K/ L/ M types: Connect to the VSS pin.
Table 31
Product Type
ON/OFF Pin
Internal Circuits
VOUT Pin Voltage
Current
Consumption
A/ B/ C/ D/ E/ F
“H”: Power on
Operating
Set value
ISS
A/ B/ C/ D/ E/ F
“L”: Shutdown
Stopped
VSS level
ISSD
G/ H/ J/ K/ L/ M
“H”: Shutdown
Stopped
VSS level
ISSD
G/ H/ J/ K/ L/ M
“L”: Power on
Operating
Set value
ISS
VSS
ON/OFF
VIN
Figure 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com