Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RGLA3-TR Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RGLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RGLA3-TR Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25LP256D-RGLA3-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256D-RGLA3-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev A15
08/05/2024
TABLE OF CONTENTS
FEATURES ...........................................................................................................................................................2
GENERAL DESCRIPTION ...................................................................................................................................3
TABLE OF CONTENTS ........................................................................................................................................4
1.
PIN CONFIGURATION..................................................................................................................................7
2.
PIN DESCRIPTIONS .....................................................................................................................................9
3.
BLOCK DIAGRAM .......................................................................................................................................11
4.
SPI MODES DESCRIPTION .......................................................................................................................12
5.
SYSTEM CONFIGURATION .......................................................................................................................14
5.1 BLOCK/SECTOR ADDRESSES ...........................................................................................................14
5.2 Serial Flash Discoverable Parameters ..................................................................................................15
6.
REGISTERS ................................................................................................................................................21
6.1 STATUS REGISTER .............................................................................................................................21
6.2 FUNCTION REGISTER .........................................................................................................................24
6.3 READ REGISTER AND EXTENDED REGISTER.................................................................................25
6.3.1 READ REGISTER .........................................................................................................................25
6.3.2 EXTENDED READ REGISTER.....................................................................................................28
6.4 AUTOBOOT REGISTER .......................................................................................................................30
6.5 BANK ADDRESS REGISTER ...............................................................................................................31
6.6 ADVANCED SECTOR/BLOCK PROTECTION (ASP) RELATED REGISTER .....................................32
6.6.1 ADVANCED SECTOR/BLOCK PROTECTION REGISTER (ASPR) ............................................32
6.6.2 PASSWORD REGISTER ..............................................................................................................33
6.6.3 PPB LOCK REGISTER .................................................................................................................33
6.6.4 PPB REGISTER ............................................................................................................................34
6.6.5 DYB REGISTER ............................................................................................................................34
7.
PROTECTION MODE..................................................................................................................................35
7.1 HARDWARE WRITE PROTECTION.....................................................................................................35
7.2 SOFTWARE WRITE PROTECTION .....................................................................................................35
7.2.1 BLOCK PROTECTION BITS .........................................................................................................35
7.2.2 ADVANCED SECTOR/BLOCK PROTECTION (ASP) ..................................................................36
8.
DEVICE OPERATION .................................................................................................................................43
8.1 COMMAND OVERVIEW .......................................................................................................................43
8.2 COMMAND SET SUMMARY ................................................................................................................44
8.3 NORMAL READ OPERATION (NORD, 03h or 4NORD, 13h) ..............................................................53
8.4 FAST READ OPERATION (FRD, 0Bh or 4FRD, 0Ch)..........................................................................56
8.5 HOLD OPERATION...............................................................................................................................60
8.6 FAST READ DUAL I/O OPERATION (FRDIO, BBh or 4FRDIO, BCh).................................................61
8.7 FAST READ DUAL OUTPUT OPERATION (FRDO, 3Bh or 4FRDO, 3Ch)..........................................65
8.8 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh or 4FRQO 6Ch) .........................................68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com