Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 4 Page - STMicroelectronics

  LD39200_V01 Datasheet HTML 1Page - STMicroelectronics LD39200_V01 Datasheet HTML 2Page - STMicroelectronics LD39200_V01 Datasheet HTML 3Page - STMicroelectronics LD39200_V01 Datasheet HTML 4Page - STMicroelectronics LD39200_V01 Datasheet HTML 5Page - STMicroelectronics LD39200_V01 Datasheet HTML 6Page - STMicroelectronics LD39200_V01 Datasheet HTML 7Page - STMicroelectronics LD39200_V01 Datasheet HTML 8Page - STMicroelectronics LD39200_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
3
Typical application
Figure 3. LD39200 typical application schematic
Adjustable version
Fixed version
AM13909V1
OUT
GND
IN
EN
ADJ
ON
OFF
CIN
R1
R2
COUT
LD39200
CBYP
(optional)
OUT
GND
IN
EN
SENSE
ON
OFF
CIN
LD39200
COUT
PG
PG
Note:
R1 and R2 are calculated according to the following formula: R1 = R2 x (VOUT / VADJ - 1). Recommended value
for CIN and COUT is 10 μF.
LD39200
Typical application
DS10079 - Rev 3
page 4/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com