Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39200DPUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39200DPUR
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200DPUR Datasheet(HTML) 5 Page - STMicroelectronics

  LD39200DPUR Datasheet HTML 1Page - STMicroelectronics LD39200DPUR Datasheet HTML 2Page - STMicroelectronics LD39200DPUR Datasheet HTML 3Page - STMicroelectronics LD39200DPUR Datasheet HTML 4Page - STMicroelectronics LD39200DPUR Datasheet HTML 5Page - STMicroelectronics LD39200DPUR Datasheet HTML 6Page - STMicroelectronics LD39200DPUR Datasheet HTML 7Page - STMicroelectronics LD39200DPUR Datasheet HTML 8Page - STMicroelectronics LD39200DPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
4
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input supply voltage
-0.3 to 7
V
VADJ
Adjustable voltage
-0.3 to 2
V
VOUT /VSENSE
Output voltage/output sense voltage
-0.3 to 7
V
IOUT
Output current
Internally limited
A
EN
Enable pin voltage
-0.3 to 7
V
PG
Power Good pin voltage
-0.3 to 7
V
PD
Power dissipation
Internally limited
W
ESD
Charge device model
±500
V
Human body model
±2000
TJ-OP
Operating junction temperature
-40 to 125
°C
TJ-MAX
Maximum junction temperature
150
°C
TSTG
Storage temperature
-55 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 4. Thermal data
Symbol
Parameter
DFN6 (3 x 3 mm)
DFN8 (4 x 4 mm)
Unit
RTHJC
Junction-to-case thermal resistance
10
4
°C/W
RTHJA
Junction-to- ambient thermal resistance
55
40
LD39200
Maximum ratings
DS10079 - Rev 3
page 5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com