| Electronic Components Datasheet Search |
|
IS25LP256D-RHLA3-TY Datasheet(PDF) 99 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP256D-RHLA3-TY Datasheet(HTML) 99 Page - Integrated Silicon Solution, Inc |
|
99 / 179 page ![]() IS25LP256D IS25WP256D Integrated Silicon Solution, Inc.- www.issi.com 99 Rev A15 08/05/2024 8.24 ENTER DEEP POWER DOWN (DP, B9h) The Deep Power-down (DP) instruction is for setting the device on the minimizing the power consumption (enter into Power-down mode). During this mode, standby current is reduced from Isb1 to Isb2. While in the Power-down mode, the device is not active and all Write/Program/Erase instructions are ignored. The instruction is initiated by driving the CE# pin low and shifting the instruction code into the device. The CE# pin must be driven high after the instruction has been latched, or Power-down mode will not engage. Once CE# pin driven high, the Power-down mode will be entered within the time duration of tDP. While in the Power-down mode only the Release from Power- down/RDID instruction, which restores the device to normal operation, will be recognized. All other instructions are ignored, including the Read Status Register instruction which is always available during normal operation. Ignoring all but one instruction makes the Power Down state a useful condition for securing maximum write protection. It is available in both SPI and QPI mode. Figure 8.55 Enter Deep Power Down Mode Sequence Instruction = B9h CE # SCK SI 0 1 2 3 4 5 6 7 Mode 3 Mode 0 tDP SO High Impedance Figure 8.56 Enter Deep Power Down Mode QPI Sequence B9h CE# SCK IO[3:0] 0 1 Mode 3 Mode 0 tDP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |