Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20L60C
Description  60 V, 2 x 10 A, low drop power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20L60C Datasheet HTML 1Page - STMicroelectronics STPS20L60C Datasheet HTML 2Page - STMicroelectronics STPS20L60C Datasheet HTML 3Page - STMicroelectronics STPS20L60C Datasheet HTML 4Page - STMicroelectronics STPS20L60C Datasheet HTML 5Page - STMicroelectronics STPS20L60C Datasheet HTML 6Page - STMicroelectronics STPS20L60C Datasheet HTML 7Page - STMicroelectronics STPS20L60C Datasheet HTML 8Page - STMicroelectronics STPS20L60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
K
K
A1
A1
A2
A2
D2PAK
A1
K
A2
A1
K
A2
TO-220AB
K
Features
•
Low forward voltage drop
•
Negligible switching losses
•
Low thermal resistance
•
Avalanche capability specified
•
ECOPACK2 compliant component in TO-220AB, on demand for D2PAK
Applications
•
Set-top box
•
Battery charger
•
DC / DC converter
•
Notebook adapter
•
Switching diodes
Description
Dual center tab Schottky rectifier suited for SMPS and high frequency DC to DC
converters.
Packaged in TO-220AB and D2PAK, the STPS20L60C is intended for use in high
frequency inverters.
Product status link
STPS20L60C
Product summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
60 V
T j(max.)
150 °C
VF(typ.)
0.48 V
60 V, 2 x 10 A, low drop power Schottky rectifier
STPS20L60C
Datasheet
DS1595 - Rev 5 - December 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS20L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L60C STMICROELECTRONICS-STPS20L60C Datasheet
168Kb / 10P
Power Schottky rectifier
02-Aug-2013
STPS20L60C-Y STMICROELECTRONICS-STPS20L60C-Y Datasheet
99Kb / 7P
Automotive power Schottky rectifier
24-Oct-2012
STPS20L60CG STMICROELECTRONICS-STPS20L60CG Datasheet
99Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS20L60CG STMICROELECTRONICS-STPS20L60CG Datasheet
168Kb / 10P
Power Schottky rectifier
02-Aug-2013
STPS20L60CG-TR STMICROELECTRONICS-STPS20L60CG-TR Datasheet
99Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS20L60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 10 A
13-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
Schottky Rectifier, 2 x 10 A
14-Aug-08
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
Schottky Rectifier, 2 x 10 A
05-Oct-09
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
Schottky Rectifier, 2 x 10 A
04-Dec-13
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
Schottky Rectifier, 2 x 10 A
12-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com