Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L60CG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30L60CG
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CG Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30L60CG Datasheet HTML 1Page - STMicroelectronics STPS30L60CG Datasheet HTML 2Page - STMicroelectronics STPS30L60CG Datasheet HTML 3Page - STMicroelectronics STPS30L60CG Datasheet HTML 4Page - STMicroelectronics STPS30L60CG Datasheet HTML 5Page - STMicroelectronics STPS30L60CG Datasheet HTML 6Page - STMicroelectronics STPS30L60CG Datasheet HTML 7Page - STMicroelectronics STPS30L60CG Datasheet HTML 8Page - STMicroelectronics STPS30L60CG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STPS30L60C
Characteristics
Doc ID 6479 Rev 10
3/13
To evaluate the conduction losses use the following equation: P = 0.42 x IF(AV) + 0.009x IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
480
µA
Tj = 125 °C
77
130
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 15 A
0.6
V
Tj = 125 °C
IF = 15 A
0.5
0.56
Tj = 25 °C
IF = 30 A
0.75
Tj = 125 °C
IF = 30 A
0.65
0.7
1.
Pulse test: tp = 380 µs,
δ < 2%
Figure 2.
Average forward power dissipation
versus average forward current
(per diode)
Figure 3.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
0
2
4
6
8
101214
161820
0
2
4
6
8
10
12
P
(W)
F(av)
T
δ=tp/T
tp
I
(A)
F(av)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
R
th(j-a)=Rth(j-c)
R
th(j-a)=15 °C/W
T
δ=tp/T
tp
TO-220FPAB
I
(A)
F(av)
T
(°C)
amb
TO-220AB, TO-220AB narrow leads, I2PAK, D2PAK, TO-247
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com