Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L60CFP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS30L60CFP
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CFP Datasheet(HTML) 5 Page - STMicroelectronics

  STPS30L60CFP Datasheet HTML 1Page - STMicroelectronics STPS30L60CFP Datasheet HTML 2Page - STMicroelectronics STPS30L60CFP Datasheet HTML 3Page - STMicroelectronics STPS30L60CFP Datasheet HTML 4Page - STMicroelectronics STPS30L60CFP Datasheet HTML 5Page - STMicroelectronics STPS30L60CFP Datasheet HTML 6Page - STMicroelectronics STPS30L60CFP Datasheet HTML 7Page - STMicroelectronics STPS30L60CFP Datasheet HTML 8Page - STMicroelectronics STPS30L60CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STPS30L60C
Characteristics
Doc ID 6479 Rev 10
5/13
Figure 12.
Reverse safe operating area (tp < 1 µs, Tj < 150 °C)
Figure 10.
Forward voltage drop versus
forward current
(maximum values, per diode)
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab for D2PAK
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
1
10
100
200
I
(A)
FM
Tj=25°C
Tj=125°C
Typical values
Tj=150°C
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board
copper thickness = 35 µm
IARM (A)
VARM (V)
Operating area
Forbidden area
20
22
24
26
28
30
32
34
36
38
40
60
65
70
75
80
85
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com