Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KY2 Datasheet(PDF) 1 Page - Pro-Power

Part # KY2
Description  Sleeve Expanders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

KY2 Datasheet(HTML) 1 Page - Pro-Power

  KY2 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/06/23
Sleeve Expanders
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
KY2
KY3
KY4
Features
•  Colour black
•  Forged, treated and polished prongs
•  Ultra lightweight
These sleeve expanders are ideal for use with original HELAVIA and SILAVIA sleeves.
Specification Table
Part Number Sleeve Expander
Prongs
Length × Width
(mm)
Weight
(g)
Number Length (mm)
KY2
up to 9mm Ø max.
3
30
195×115
163
KY3
up to 15mm Ø max
40
167
KY4
up to 28mm Ø max
56
178
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. pro - POWER is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - KY2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
KY2 AMPHENOL-KY2 Datasheet
54Kb / 2P
Composite Thermistor
More results

Similar Description - KY2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608 Datasheet
291Kb / 16P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 0; 1/00
logo
Texas Instruments
SN74H60 TI-SN74H60 Datasheet
154Kb / 4P
DUAL 4-INPUT EXPANDERS
logo
Microchip Technology
AN1043 MICROCHIP-AN1043 Datasheet
308Kb / 10P
Unique Features of the MCP23X08/17 GPIO Expanders
2006
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
logo
Festo Corporation.
2428515 FESTO-2428515 Datasheet
73Kb / 1P
Clamping sleeve
2428517 FESTO-2428517 Datasheet
74Kb / 1P
Clamping sleeve
2430402 FESTO-2430402 Datasheet
68Kb / 1P
Clamping sleeve
2789160 FESTO-2789160 Datasheet
68Kb / 1P
Clamping sleeve
2789343 FESTO-2789343 Datasheet
68Kb / 1P
Clamping sleeve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com