Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM6045DV Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESM6045DV
Description  NPN DARLINGTON POWER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM6045DV Datasheet(HTML) 2 Page - STMicroelectronics

  ESM6045DV Datasheet HTML 1Page - STMicroelectronics ESM6045DV Datasheet HTML 2Page - STMicroelectronics ESM6045DV Datasheet HTML 3Page - STMicroelectronics ESM6045DV Datasheet HTML 4Page - STMicroelectronics ESM6045DV Datasheet HTML 5Page - STMicroelectronics ESM6045DV Datasheet HTML 6Page - STMicroelectronics ESM6045DV Datasheet HTML 7Page - STMicroelectronics ESM6045DV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-ca se
Rthj-ca se
Rthc-h
Thermal Resistance Ju nction- case (transistor)
Max
Thermal Resistance Ju nction- case (diode)
Max
Thermal Resistance Case-heatsin k With Conductive
Grease Applied
Max
0.5
1.2
0.05
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER #
Collecto r Cu t-of f
Current (RBE =5
Ω)
VCE =VCEV
VCE =VCEV
Tj = 100
oC
1. 5
22
mA
mA
ICEV #
Collecto r Cu t-of f
Current (VBE =-5)
VCE =VCEV
VCE =VCEV
Tj = 100
oC
1
15
mA
mA
IEBO #
Emitter Cut-off Current
(IC =0)
VEB =5 V
1
mA
VCEO(SUS) * Collecto r-Emitter
Sustaining Voltage
IC =0.2 A
L = 25 mH
Vclamp = 450 V
450
V
hFE
DC Current Gain
IC =70 A
VCE = 5 V
120
VCE(sat)
∗ Collector-Emitter
Satu ration Vo ltage
IC =50 A
IB =1 A
IC =50 A
IB =1 A
Tj = 100
oC
IC =70 A
IB =4 A
IC =70 A
IB =4 A
Tj = 100
oC
1.2
1.6
1.35
1.7
2
2
V
V
V
V
VBE(sat)
∗ Base-Emitter
Satu ration Vo ltage
IC =70 A
IB =4 A
IC =70 A
IB =4 A
Tj = 100
oC
2.3
2.4
3
V
V
diC/dt
Rateof Riseof
On-state Collector
VCC =3 00 V
RC =0
tp =3
µs
IB1 =1.5 A
Tj = 100
oC
375
450
A/
µs
VCE(3
µs)•• Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC =6
IB1 =1.5 A
Tj = 100
oC
69
V
VCE(5
µs)•• Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC =6
IB1 =1.5 A
Tj = 100
oC
34. 5
V
ts
tf
tc
Storage Time
Fall Time
Cross-over Time
IC =50 A
VCC =50 V
VBB =-5 V RBB =0.3
Vclamp = 450 V
IB1 =1 A
L = 0. 05 mH
Tj = 100
oC
3.5
0.3
0.8
5. 5
0. 5
1. 7
µs
µs
µs
VCEW
Maximu m Collector
Emitter Voltage
With ou t Snubber
ICWoff =84 A IB1 =4 A
VBB =-5 V
VCC =5 0 V
L = 0. 03 mH
RBB =0.3
Tj =1 25
oC
450
V
VF
Diod e Forward Voltage IF =70 A
Tj =1 00
oC1.6
1. 9
V
IRM
Reverse Recovery
Current
VCC =2 00 V
IF =7 0 A
diF/dt = -375 A/
µsL < 0.05 µH
Tj =1 00
oC
38
45
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
# See test circuits in databook introduction
To evaluate the conduction losses of the diode use the following equations:
VF = 1.5 + 0.0055 IF
P = 1.5 IF(AV) + 0.0055 I
2
F(RMS)
ESM6045DV
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com