Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Input offset voltage drift and input bias current drift are average values calculated by taking data at the end-points, computing the
difference, and dividing by the temperature range.
(2)
Current is considered positive out of the pin. IOS = IB+ – IB–.
7.5 Electrical Characteristics: VS = ±5 V
At TA ≈ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, common-mode voltage (VCM) = mid-supply, RF = 301 Ω,
RL = 100 Ω to mid-supply (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VO = 100 mVPP
765
MHz
G = 10, VO = 100 mVPP
430
Frequency response peaking
1.4
dB
LSBW
Large-signal bandwidth
VO = 2 VPP
400
MHz
GBWP
Gain-bandwidth product
G = 101 V/V, VO = 100 mVPP, RF = 3.01 kΩ
2700
MHz
Bandwdith for 0.1dB flatness
VO = 100 mVPP
100
MHz
SR
Slew rate (20%-80%)
VO = 4-V step, rising and falling
1400
V/µs
VO = 4-V step, rising and falling, G = 10
1340
V/µs
tr/tf
Rise and fall time (10%-90%)
VO = 100-mV step
0.52
ns
tS
Settling time to 0.1%
VO = 2-V step
5.7
ns
Overshoot and undershoot
VO = 2-V step
7%
Overdrive recovery time
VO = (VS– – 1 V) to (VS+ + 1 V)
25
ns
HD2
Second-order harmonic
distortion
VO = 2 VPP
f = 1 MHz
–84
dBc
f = 10 MHz
–64
f = 50 MHz
–52
f = 10 MHz, RL = 1 kΩ
–71
HD3
Third-order harmonic distortion
VO = 2 VPP
f = 1 MHz
–106
dBc
f = 10 MHz
–99
f = 50 MHz
–74
f = 10 MHz, RL = 1 kΩ
–82
en
Input voltage noise
f
≥ 150 kHz
2.2
nV/
√Hz
1/f corner
15
kHz
in
Input current noise
f = 10 kHz
3
fA/
√Hz
f = 1 MHz
145
fA/
√Hz
ZCL
Closed-loop output impedance
f = 10 MHz
0.2
Ω
DC PERFORMANCE
AOL
Open-loop voltage gain
f = DC, VO = ±2 V
85
92
dB
VOS
Input offset voltage
±0.35
±1.25
mV
TA = –40°C to +85°C
±1.8
Input offset voltage drift(1)
TA = –40°C to +85°C
±3
±20
µV/°C
IB
Input bias current(2)
±4
±25
pA
TA = –40°C to +85°C
700
IOS
Input offset current(2)
±1
±25
pA
CMRR
Common-mode rejection ratio
f = DC, VCM = ±0.5 V
73
90
dB
f = DC, VCM = ±0.5 V, TA = –40°C to +85°C
70
dB
Internal feedback trace
resistance
Device turned OFF, OUT to FB pin
resistance
0.8
1.2
1.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com