Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA855IDSGR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA855IDSGR
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855IDSGR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA855IDSGR Datasheet HTML 17Page - Texas Instruments OPA855IDSGR Datasheet HTML 18Page - Texas Instruments OPA855IDSGR Datasheet HTML 19Page - Texas Instruments OPA855IDSGR Datasheet HTML 20Page - Texas Instruments OPA855IDSGR Datasheet HTML 21Page - Texas Instruments OPA855IDSGR Datasheet HTML 22Page - Texas Instruments OPA855IDSGR Datasheet HTML 23Page - Texas Instruments OPA855IDSGR Datasheet HTML 24Page - Texas Instruments OPA855IDSGR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPA855 offers very high-bandwidth, high slew-rate, low noise, and better than –60 dBc of distortion
performance at frequencies of up to 100 MHz. These features make this device an excellent low-noise amplifier
in high-speed data acquisition systems.
9.2 Typical Applications
9.2.1 TIA in an Optical Front-End System
Figure 9-1 shows the OPA855 configured as a transimpedance amplifier (U1) in a wide-bandwidth, optical front-
end system. A second amplifier, the OPA859-Q1, configured as a unity-gain buffer (U2) sets a dc offset voltage
to the THS4520. The THS4520 is used to convert the single-ended transimpedance output of the OPA855 into
a differential output signal. The THS4520 drives the input of the ADS54J64, 14-bit, 1-GSPS analog-to-digital
converter (ADC) that digitizes the analog signal.
+
±
VBIAS
CF
RF
3.8 V
5 V
OPA855
+
±
499
499
499
±
+
499
VOCM = 1.3 V
5 V
+
±
3.25 V
5 V
OPA859
ADS54J64
Low-pass
filter
U1
U2
Figure 9-1. OPA855 as a TIA in an Optical Front-End System
9.2.1.1 Design Requirements
The objective is to design a low noise, wideband optical front-end system using the OPA855 as a
transimpedance amplifier. The design requirements are:
• Amplifier supply voltage: 5 V
• TIA common-mode voltage: 3.8 V
• THS4520 gain: 1 V/V
• ADC input common-mode voltage: 1.3 V
• ADC analog differential input range: 1.1 VPP
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com