Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2835IDGS Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA2835IDGS
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2835IDGS Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2835IDGS Datasheet HTML 17Page - Texas Instruments OPA2835IDGS Datasheet HTML 18Page - Texas Instruments OPA2835IDGS Datasheet HTML 19Page - Texas Instruments OPA2835IDGS Datasheet HTML 20Page - Texas Instruments OPA2835IDGS Datasheet HTML 21Page - Texas Instruments OPA2835IDGS Datasheet HTML 22Page - Texas Instruments OPA2835IDGS Datasheet HTML 23Page - Texas Instruments OPA2835IDGS Datasheet HTML 24Page - Texas Instruments OPA2835IDGS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
7.9 Typical Characteristics: VS = 5 V (continued)
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 Vpp, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and
output referenced to mid-supply. TA = 25°C
−140
−130
−120
−110
−100
−90
−80
20
100
1k
10k
100k
1M
10M
50M
Frequency (Hz)
OPA2835 only
Figure 7-45. Crosstalk vs Frequency
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
500
1000
t - Time - ns
V
PD
V
OUT
V = 5 V,
G = 2,
R = 2 k
R = 2 k
S
F
L
W
W
Figure 7-46. Power Down Response
0
0
0
1
3 11
26
108
377
965
1404
1156
590
170
53
13 2 1
0
0
0
0
0
200
400
600
800
1000
1200
1400
1600
V
- Offset Voltage - V
OS
m
4800 units tested
Figure 7-47. Input Offset Voltage
-800
-600
-400
-200
0
200
400
600
800
-40
-20
0
20
40
60
80
100
120
T - Free-Air Temperature - °C
A
Figure 7-48. Input Offset Voltage vs Free-Air Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 0.5
1 1.5 2 2.5 3 3.5 4 4.5 5
V
- Drift -
V/°C
OS
m
0°C to 70°C
-40°C to 85°C
-40°C to 125°C
Figure 7-49. Input Offset Voltage Drift
37 7 5 9 20 34
94
188
715
895
948
754
397
205
75
36 26 14 5 3 31
0
100
200
300
400
500
600
700
800
900
1000
I
- Offset Current - nA
OS
4800 units tested
Figure 7-50. Input Offset Current
www.ti.com
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com