Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDDFR Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2991IDDFR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2991IDDFR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2991IDDFR Datasheet HTML 1Page - Texas Instruments OPA2991IDDFR Datasheet HTML 2Page - Texas Instruments OPA2991IDDFR Datasheet HTML 3Page - Texas Instruments OPA2991IDDFR Datasheet HTML 4Page - Texas Instruments OPA2991IDDFR Datasheet HTML 5Page - Texas Instruments OPA2991IDDFR Datasheet HTML 6Page - Texas Instruments OPA2991IDDFR Datasheet HTML 7Page - Texas Instruments OPA2991IDDFR Datasheet HTML 8Page - Texas Instruments OPA2991IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
1 Features
• Low offset voltage: ±125 µV
• Low offset voltage drift: ±0.3 µV/°C
• Low noise: 10.8 nV/√Hz at 1 kHz
• High common-mode rejection: 130 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• Wide bandwidth: 4.5 MHz GBW
• High slew rate: 21 V/µs
• High capacitive load drive: 1 nF
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Low quiescent current: 560 µA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance: EMI/RFI filters on
input and supply pins
• Differential and common-mode input voltage range
to supply rail
2 Applications
• Low-power audio preamplifier
• Multiplexed data-acquisition systems
• Test and measurement equipment
• ADC driver amplifiers
• SAR ADC reference buffers
• Programmable logic controllers
• High-side and low-side current sensing
3 Description
The OPAx991 family (OPA991, OPA2991, and
OPA4991) is a family of high voltage (40 V) general
purpose operational amplifiers. These devices offer
exceptional DC precision and AC performance,
including rail-to-rail input/output, low offset (±125 µV,
typical), low offset drift (±0.3 µV/°C, typical), low noise
(10.5 nV/√Hz and 1.8 µVPP), and 4.5-MHz bandwidth.
Unique features such as differential and common-
mode input-voltage range to the supply rail, high
output current (±75 mA), high slew rate (21 V/µs),
high capacitive load drive (1 nF), and shutdown
functionality make the OPAx991 a robust, high-
performance operational amplifier for high-voltage
industrial applications.
The OPAx991 family of op amps is available in micro-
size packages (such as X2QFN and WSON), as well
as standard packages (such as SOT-23, SOIC, and
TSSOP), and is specified from
–40°C to 125°C.
Device Information
PART NUMBER (1)
PACKAGE
BODY SIZE (NOM)
OPA991
SOT-23 (5)
2.90 mm × 1.60 mm
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
OPA2991
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)
2.90 mm × 1.60 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)
2.00 mm × 1.50 mm
OPA4991
SOIC (14)
8.65 mm × 3.90 mm
SOT-23 (14)
4.20 mm × 1.90 mm
TSSOP (14)
5.00 mm × 4.40 mm
X2QFN (14)
2.00 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
ADS8860
REF
VINP
VINM
MUX509
+
+
+
Antialiasing
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA375
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA991
OPA991
OPA991
OPAx991 in a High-Voltage, Multiplexed, Data-Acquisition System
OPA991, OPA2991, OPA4991
SBOS969F – OCTOBER 2019 – REVISED JANUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA2991IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2991IDDFR TI1-OPA2991IDDFR Datasheet
5Mb / 73P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991IDDFR TI-OPA2991IDDFR Datasheet
5Mb / 75P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991IDDFR TI-OPA2991IDDFR Datasheet
5Mb / 77P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991IDDFR TI-OPA2991IDDFR Datasheet
5Mb / 77P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MAY 2021
OPA2991IDDFR TI-OPA2991IDDFR Datasheet
5Mb / 78P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
More results

Similar Description - OPA2991IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2991 TI1-OPA2991 Datasheet
1Mb / 38P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V01 Datasheet
4Mb / 59P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V02 Datasheet
4Mb / 70P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V04 Datasheet
5Mb / 73P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V06 Datasheet
5Mb / 77P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V07 Datasheet
5Mb / 77P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MAY 2021
OPA991 TI-OPA991_V08 Datasheet
5Mb / 78P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com