Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554ADGV Datasheet(PDF) 8 Page - Texas Instruments

Part # PCA9554ADGV
Description  PCA9554A Remote 8-Bit I2C and SMBus I/O Expander With Interrupt Output and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9554ADGV Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9554ADGV Datasheet HTML 4Page - Texas Instruments PCA9554ADGV Datasheet HTML 5Page - Texas Instruments PCA9554ADGV Datasheet HTML 6Page - Texas Instruments PCA9554ADGV Datasheet HTML 7Page - Texas Instruments PCA9554ADGV Datasheet HTML 8Page - Texas Instruments PCA9554ADGV Datasheet HTML 9Page - Texas Instruments PCA9554ADGV Datasheet HTML 10Page - Texas Instruments PCA9554ADGV Datasheet HTML 11Page - Texas Instruments PCA9554ADGV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
6.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
2
4
6
8
10
12
14
16
18
20
22
D001
1.8 V
2.5 V
3.3 V
5 V
fSCL = 400 kHz
I/Os = High or Low Inputs
Figure 6-1. Supply Current (ICC, Operating Mode)
vs Temperature (TA) at Four Supply Voltages
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D002
1.8 V
2.5 V
3.3 V
5 V
fSCL = 0 kHz
I/Os = High Inputs
Figure 6-2. Supply Current (ICC, Standby Mode) vs
Temperature (TA) at Four Supply Voltages
VCC - Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
D003
fSCL = 400 kHz
I/Os = High or Low
Inputs
TA = 25°C
Figure 6-3. Supply Current (ICC, Operating Mode)
vs Supply Voltage (VCC)
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
50
100
150
200
250
D004
VCC = 1.8 V, IOL = 8 mA
VCC = 5 V, IOL = 8 mA
VCC = 1.8 V, IOL = 10 mA
VCC = 5 V, IOL = 10 mA
I/Os = High or Low
Inputs
Figure 6-4. Output Low Voltage (VOL) vs
Temperature (TA) for P-Port I/Os
VOL - Output Low Voltage - (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
10
20
30
40
50
60
70
80
D005
1.8 V
2.5 V
3.3 V
5 V
TA = 25°C
Figure 6-5. Sink Current (IOL) vs Output Low
Voltage (VOL) for P-Ports at Four Supply Voltages
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
50
100
150
200
250
300
350
400
450
500
D006
VCC = 1.8 V, IOH = 8 mA
VCC = 5 V, IOH = 8 mA
VCC = 1.65 V, IOH = 10 mA
VCC = 5 V, IOH = 10 mA
Figure 6-6. Output High Voltage (VCC – VOH) vs
Temperature (TA) for P-Ports
PCA9554A
SCPS127F – SEPTEMBER 2006 – REVISED MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9554A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com