Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554ADGVR Datasheet(PDF) 2 Page - Texas Instruments

Part # PCA9554ADGVR
Description  PCA9554A Remote 8-Bit I2C and SMBus I/O Expander With Interrupt Output and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 2 Page - Texas Instruments

  PCA9554ADGVR Datasheet HTML 1Page - Texas Instruments PCA9554ADGVR Datasheet HTML 2Page - Texas Instruments PCA9554ADGVR Datasheet HTML 3Page - Texas Instruments PCA9554ADGVR Datasheet HTML 4Page - Texas Instruments PCA9554ADGVR Datasheet HTML 5Page - Texas Instruments PCA9554ADGVR Datasheet HTML 6Page - Texas Instruments PCA9554ADGVR Datasheet HTML 7Page - Texas Instruments PCA9554ADGVR Datasheet HTML 8Page - Texas Instruments PCA9554ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Revision History.............................................................. 2
4 Description (Continued)..................................................3
5 Pin Configuration And Functions.................................. 4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 I2C Interface Timing Requirements.............................7
6.7 Switching Characteristics............................................7
6.8 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 10
8 Detailed Description......................................................13
8.1 Functional Block Diagram......................................... 13
8.2 Device Functional Modes..........................................14
8.3 Programming............................................................ 15
9 Application Information Disclaimer............................. 21
9.1 Application Information............................................. 21
10 Power Supply Recommendations..............................23
10.1 Power-On Reset Requirements.............................. 23
11 Device and Documentation Support..........................25
11.1 Support Resources................................................. 25
11.2 Trademarks............................................................. 25
11.3 Electrostatic Discharge Caution.............................. 25
11.4 Glossary.................................................................. 25
12 Mechanical, Packaging, and Orderable
Information.................................................................... 25
3 Revision History
Changes from Revision E (May 2014) to Revision F (March 2021)
Page
• Changed the Device Information table............................................................................................................... 1
• Moved the Storage temperature range from the Handling Ratings table to the Absolute Maximum Ratings
table.................................................................................................................................................................... 5
• Moved the Package thermal impedance to the Thermal Information table........................................................ 5
• Changed the VIH High-level input voltage (SDL, SDA) Max value From: 5.5 V To: VCC in the Recommended
Operating Conditions ......................................................................................................................................... 5
• Changed the VIL Low-level input voltage (A2–A0, P7–P0) Max value From: 0.8 V To: 0.3 x VCC in the
Recommended Operating Conditions ................................................................................................................5
• Added the Thermal Information table................................................................................................................. 5
• Changed the VPORR row in the Electrical Characteristics .................................................................................. 6
• Added the VPORF row in the Electrical Characteristics .......................................................................................6
• Changed the ICC Standby mode values in the Electrical Characteristics ...........................................................6
• Changed the Ci SCL Max value From: 5 pF To: 8 pF in the Electrical Characteristics ......................................6
• Changed the Cio SDA Max value From: 6.5 pF To: 9.5 pF in the Electrical Characteristics ..............................6
• Changed the tpv Output data valid MAX values From: 200 ns To 350 ns in the Switching Characteristics ....... 7
• Changed the Typical Characteristics graphs...................................................................................................... 8
• Changed the Power Supply Recommendations .............................................................................................. 23
Changes from Revision D (August 2008) to Revision E (May 2014)
Page
• Added Interrupt Errata section. ........................................................................................................................15
• Added the Power-On Reset Errata section ......................................................................................................23
PCA9554A
SCPS127F – SEPTEMBER 2006 – REVISED MARCH 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9554A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com