Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1795DB Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1795DB
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1795DB Datasheet HTML 3Page - Texas Instruments PCM1795DB Datasheet HTML 4Page - Texas Instruments PCM1795DB Datasheet HTML 5Page - Texas Instruments PCM1795DB Datasheet HTML 6Page - Texas Instruments PCM1795DB Datasheet HTML 7Page - Texas Instruments PCM1795DB Datasheet HTML 8Page - Texas Instruments PCM1795DB Datasheet HTML 9Page - Texas Instruments PCM1795DB Datasheet HTML 10Page - Texas Instruments PCM1795DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
PCM1795
www.ti.com
SLES248A – MAY 2009 – REVISED MARCH 2015
Electrical Characteristics (continued)
All specifications at TA = +25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 32-bit
data, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EIAJ, A-weighted, fS = 48 kHz
120
123
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
123
dB
EIAJ, A-weighted, fS = 192 kHz
123
fS = 48 kHz
116
119
Channel separation
fS = 96 kHz
118
dB
fS = 192 kHz
117
Level linearity error
VOUT = –120 dB
±1
dB
DYNAMIC PERFORMANCE (MONO MODE) (1)(2)(3)
fS = 48 kHz
0.0005%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001%
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 48 kHz
126
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
126
dB
EIAJ, A-weighted, fS = 192 kHz
126
EIAJ, A-weighted, fS = 48 kHz
126
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
126
dB
EIAJ, A-weighted, fS = 192 kHz
126
DSD MODE DYNAMIC PERFORMANCE (44.1 kHz, 64 fS)
(1) (4)
THD+N at FS
2 V rms
0.0007%
Dynamic range
–60 dB, EIAJ, A-weighted
122
dB
Signal-to-noise ratio
EIAJ, A-weighted
122
dB
ANALOG OUTPUT
Gain error
–7
±2
7
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Output current
Full-scale (0 dB)
4
mAPP
Center current
At BPZ
–3.5
mA
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.1
dB
(3)
Dynamic performance and dc accuracy are specified at the output of the measurement circuit as shown in Figure 55.
(4)
Dynamic performance and dc accuracy are specified at the output of the post-amplifier as shown in Figure 54.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com